| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD37253 Fiches technique(PDF) 16 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37253 Fiches technique(HTML) 16 Page - OSRAM GmbH |
|
16 / 56 page ![]() Datasheet, Public Page 15 [v2-00] 2023-Mar-21 Document Feedback TMD3725 − Principles of Operation Figure 17: Detailed State Diagram aen Run ALS Integration pen Run Proximity Offset Calibration Run Proximity Integration yes yes Run Autozero Calibration no no ~aen Oscillator On (IDLE) Oscillator Off (SLEEP) pon no yes az-done yes az-done = 1 aen | pen yes start-offset-calib no yes no no aen | pen wen yes aen==1 && az-done==0 no yes az-done = 1 yes no Run Autozero Calibration Run WTIME timer no az-done & wtime-done yes yes ~wen | (~aen & ~pen) wtime-done = 0 wtime-done = 1 autozero calibration is executed in parallel to running WTIME timer wen==0 | (aen==0 & pen==0) aborts WTIME timer aen==0 aborts ALS An I2C Write to az-nth-iteration register, except of the value 00h(disable-az), resets az-done independent of actual cntrl-state. In consequence, a new autozero calibration will be started in advance to the next ALS integration cycle. az-done = 0 (reset) az-done = 0, if az-nth iterations passed since last AZ calibration. (refer to note 1 for exceptions) aen no |