Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD3725 Fiches technique(PDF) 40 Page - OSRAM GmbH

No de pièce TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Fiches technique(HTML) 40 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 36Page - OSRAM GmbH TMD3725 Datasheet HTML 37Page - OSRAM GmbH TMD3725 Datasheet HTML 38Page - OSRAM GmbH TMD3725 Datasheet HTML 39Page - OSRAM GmbH TMD3725 Datasheet HTML 40Page - OSRAM GmbH TMD3725 Datasheet HTML 41Page - OSRAM GmbH TMD3725 Datasheet HTML 42Page - OSRAM GmbH TMD3725 Datasheet HTML 43Page - OSRAM GmbH TMD3725 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Datasheet, Public
Page 39
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
CALIBCFG Register (Address 0xD9)
Figure 55:
CALIBCFG Register
The binary search target field is used by the calibration feature
to set the baseline value for PDATA when no target is present.
For example, calibration of a device in open air, with no target,
Addr: 0xD9
CALIBCFG
Bit
Bit Name
Default
Access
Bit Description
7:5
BINSRCH_
TARGET
010
RW
Proximity Result Target.
Value
PDATA Target
00
11
23
37
415
531
663
7127
4
Reserved
0
RW
Reserved.
3
AUTO_
OFFSET_ADJ
0RW
The Proximity Auto Offset Adjust bit causes the value in
POFFSETL register to decrement when PDATA equals zero at the
completion of the proximity cycle.
2:0
PROX_AVG
000
RW
The Proximity Averaging field defines the number of ADC
samples collected and averaged during a cycle which become
the proximity result.
Value
Sample Size
0Disable
12
24
38
416
532
664
7128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56