| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD3725 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3725 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 56 page ![]() Datasheet, Public Page 5 [v2-00] 2023-Mar-21 Document Feedback TMD3725 − Absolute Maximum Ratings Temperature Ranges and Storage Conditions TSTRG Storage temperature range -40 85 °C TBODY Package body temperature 260 °C IPC/JEDEC J-STD-020 The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” RHNC Relative humidity (non-condensing) 585 % MSL Moisture sensitivity level 3 Maximum floor life time 168 hours Symbol Parameter Min Max Units Comments |