Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD3725 Fiches technique(PDF) 16 Page - OSRAM GmbH

No de pièce TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Fiches technique(HTML) 16 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 12Page - OSRAM GmbH TMD3725 Datasheet HTML 13Page - OSRAM GmbH TMD3725 Datasheet HTML 14Page - OSRAM GmbH TMD3725 Datasheet HTML 15Page - OSRAM GmbH TMD3725 Datasheet HTML 16Page - OSRAM GmbH TMD3725 Datasheet HTML 17Page - OSRAM GmbH TMD3725 Datasheet HTML 18Page - OSRAM GmbH TMD3725 Datasheet HTML 19Page - OSRAM GmbH TMD3725 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Datasheet, Public
Page 15
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Principles of Operation
Figure 17:
Detailed State Diagram
aen
Run ALS
Integration
pen
Run Proximity
Offset Calibration
Run Proximity
Integration
yes
yes
Run Autozero
Calibration
no
no
~aen
Oscillator On
(IDLE)
Oscillator Off
(SLEEP)
pon
no
yes
az-done
yes
az-done = 1
aen | pen
yes
start-offset-calib
no
yes
no
no
aen | pen
wen
yes
aen==1 &&
az-done==0
no
yes
az-done = 1
yes
no
Run Autozero
Calibration
Run WTIME timer
no
az-done &
wtime-done
yes
yes
~wen |
(~aen & ~pen)
wtime-done = 0
wtime-done = 1
autozero calibration is
executed in parallel to
running WTIME timer
wen==0 | (aen==0 & pen==0)
aborts WTIME timer
aen==0
aborts ALS
An I2C Write to az-nth-iteration register, except of the value 00h(disable-az),
resets az-done independent of actual cntrl-state.
In consequence, a new autozero calibration will be started in advance to the
next ALS integration cycle.
az-done = 0 (reset)
az-done = 0, if az-nth
iterations passed since
last AZ calibration.
(refer to note 1
for exceptions)
aen
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56