| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD3725 Fiches technique(PDF) 26 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3725 Fiches technique(HTML) 26 Page - OSRAM GmbH |
|
26 / 56 page ![]() Datasheet, Public Page 25 [v2-00] 2023-Mar-21 Document Feedback TMD3725 − Register Description The frequency of consecutive proximity channel results outside of threshold limits are counted; this count value is compared against the PPEARS value. If the counter is equal to the PPERS value an interrupt is asserted. Any time a proximity channel result is inside the threshold values the counter is cleared. The frequency of consecutive clear channel results outside of threshold limits are counted; this count value is compared against the APEARS value. If the counter is equal to the APERS setting an interrupt is asserted. Any time a clear channel result is inside the threshold values the counter is cleared. 3:0 APERS 0000 RW This register sets the ALS persistence filter. 0Every ALS cycle 1 Any value outside ALS thresholds 2 2 consecutive ALS values out of range 3 3 consecutive ALS values out of range 4 5 consecutive ALS values out of range 5 10 consecutive ALS values out of range 6 15 consecutive ALS values out of range 7 20 consecutive ALS values out of range …… 13 50 consecutive ALS values out of range 14 55 consecutive ALS values out of range 15 60 consecutive ALS values out of range Addr: 0x8C PERS Bit Bit Name Default Access Bit Description |