| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341L Fiches technique(PDF) 55 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7341L Fiches technique(HTML) 55 Page - OSRAM GmbH |
|
55 / 65 page ![]() Document Feedback AS7341L Register Description Datasheet • PUBLIC DS000718 • v1-00 • 2020-May-25 64 │ 54 FIFO_LVL Register (Address 0xFD) Figure 84: FIFO_LVL Register Addr: 0xFD FIFO_LVL Bit Bit Name Default Access Bit Description 7:0 FIFO_LVL 0 R FIFO Buffer Level. Indicates the number of entries (each are 2 bytes) available in the FIFO buffer waiting for readout. The FIFO RAM is 256byte, the FIFO_LVL range is from 0 entries to 128 entries. FDATA Register (Address 0xFE and 0xFF) Figure 85: FDATA Register Addr: 0xFE FDATA Bit Bit Name Default Access Bit Description 7:0 FDATA 0 R FIFO Buffer Data Figure 86: FDATA Register Addr: 0xFF FDATA Bit Bit Name Default Access Bit Description 15:8 FDATA 0 R FIFO Buffer Data |