Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341L Fiches technique(PDF) 53 Page - OSRAM GmbH

No de pièce AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Fiches technique(HTML) 53 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 49Page - OSRAM GmbH AS7341L Datasheet HTML 50Page - OSRAM GmbH AS7341L Datasheet HTML 51Page - OSRAM GmbH AS7341L Datasheet HTML 52Page - OSRAM GmbH AS7341L Datasheet HTML 53Page - OSRAM GmbH AS7341L Datasheet HTML 54Page - OSRAM GmbH AS7341L Datasheet HTML 55Page - OSRAM GmbH AS7341L Datasheet HTML 56Page - OSRAM GmbH AS7341L Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 52
PERS Register (Address 0xBD)
Figure 82:
PERS Register
Addr: 0xBD
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
0
reserved
3:0
APERS
0
RW
Spectral Interrupt Persistence.
Defines a filter for the number of consecutive
occurrences that spectral data must remain outside
the threshold range between SP_TH_L and
SP_TH_H before an interrupt is generated. The
spectral data channel used for the persistence filter
is set by SP_TH_CHANNEL. Any sample that is
inside the threshold range resets the counter to 0.
VALUE
CHANNEL
0
Every spectral cycle generates an
interrupt
1
1
2
2
3
3
4
5
5
10
…
5 x (APERS
– 3)
14
55
15
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65