Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341L Fiches technique(PDF) 52 Page - OSRAM GmbH

No de pièce AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Fiches technique(HTML) 52 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 48Page - OSRAM GmbH AS7341L Datasheet HTML 49Page - OSRAM GmbH AS7341L Datasheet HTML 50Page - OSRAM GmbH AS7341L Datasheet HTML 51Page - OSRAM GmbH AS7341L Datasheet HTML 52Page - OSRAM GmbH AS7341L Datasheet HTML 53Page - OSRAM GmbH AS7341L Datasheet HTML 54Page - OSRAM GmbH AS7341L Datasheet HTML 55Page - OSRAM GmbH AS7341L Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 51
CFG6 Register (Address 0xAF)
Figure 80:
CFG 6 Register
Addr: 0xAF
CFG6
Bit
Bit Name
Default
Access
Bit Description
4:3
SMUX_CMD
2
RW
SMUX Command.
Selects the SMUX command to execute when
setting SMUXEN gets set. Do not change during
ongoing SMUX operation.
VALUE
SMUX_CMD
0
ROM code initialization of SMUX
1
Read SMUX configuration to RAM
from SMUX chain
2
Write SMUX configuration from
RAM to SMUX chain
3
Reserved, do not use
CFG9 Register (Address 0xB2)
Figure 81:
CFG 9 Register
Addr: 0xB2
CFG9
Bit
Bit Name
Default
Access
Bit Description
7:5
reserved
0
reserved
4
SIEN_SMUX
0
RW
System Interrupt SMUX Operation.
Enables system interrupt when SMUX command has
finished
3:0
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65