Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341L Fiches technique(PDF) 28 Page - OSRAM GmbH

No de pièce AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Fiches technique(HTML) 28 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 24Page - OSRAM GmbH AS7341L Datasheet HTML 25Page - OSRAM GmbH AS7341L Datasheet HTML 26Page - OSRAM GmbH AS7341L Datasheet HTML 27Page - OSRAM GmbH AS7341L Datasheet HTML 28Page - OSRAM GmbH AS7341L Datasheet HTML 29Page - OSRAM GmbH AS7341L Datasheet HTML 30Page - OSRAM GmbH AS7341L Datasheet HTML 31Page - OSRAM GmbH AS7341L Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 27
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0xB1
CFG 8
FIFO_TH [7:6]
SP_AGC
0xB2
CFG 9
SIEN
_FD
SIEN
_SMUX
0xB3
CFG 10
AGC_H [7:6]
AGC_L[7:6]
0xB5
CFG 12
SP_TH_CH [2:0]
0xBD
PERS
APERS [3:0]
0xBE
GPIO 2
GPIO_
INV
GPIO_
IN_EN
GPIO_
OUT
GPIO_
IN
0xCA
ASTEP
ASTEP [7:0]
0xCB
ASTEP [15:8]
0xCF
AGC_GAIN_M
AX
AGC_AGAIN_MAX [3:0]
0xD6
AZ_CONFIG
AT_NTH_ITERATION [7:0]
0xF9
INTENAB
ASIEN
SP_IEN
F_IEN
SIEN
0xFA
CONTROL
SP_MAN
_AZ
FIFO_
CLR
CLEAR_
SAI_ACT
0xFC
FIFO_MAP
FIFO_WRITE_CH5_DATA
– FIFO_WRITE_CH0_DATA [6:1]
FIFO_WR
ITE_AST
ATUS
0xFD
FIFO_LVL
FIFO_LVL [7:0]
0xFE
FDATA
FDATA [7:0]
0xFF
FDATA [15:8]
10.2
Detailed Register Description
For easier readability, the detailed register description is done in groups of registers related to
dedicated device functions. This is not necessarily related to its register address.
Explanation of register access abbreviations:
RW = read or write
R = read only
W = write only
SC = self-clearing after access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65