Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341 Fiches technique(PDF) 53 Page - OSRAM GmbH

No de pièce AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Fiches technique(HTML) 53 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 49Page - OSRAM GmbH AS7341 Datasheet HTML 50Page - OSRAM GmbH AS7341 Datasheet HTML 51Page - OSRAM GmbH AS7341 Datasheet HTML 52Page - OSRAM GmbH AS7341 Datasheet HTML 53Page - OSRAM GmbH AS7341 Datasheet HTML 54Page - OSRAM GmbH AS7341 Datasheet HTML 55Page - OSRAM GmbH AS7341 Datasheet HTML 56Page - OSRAM GmbH AS7341 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 52
Figure 79:
CH4_DATA_H Register
Addr: 0x9E
CH4_DATA_H
Bit
Bit Name
Default
Access
Bit Description
7:0
CH4_DATA_H
0
R
CH4 ADC data
– high byte
CH5_DATA Register (Address 0x9F/0xA0)
Figure 80:
CH5_DATA_L Register
Addr: 0x9F
CH5_DATA_L
Bit
Bit Name
Default
Access
Bit Description
7:0
CH5_DATA_L
0
R
CH5 ADC data
– low byte
Figure 81:
CH5_DATA_H Register
Addr: 0xA0
CH5_DATA_H
Bit
Bit Name
Default
Access
Bit Description
7:0
CH5_DATA_H
0
R
CH5 ADC data
– high byte
10.2.8
Miscellaneous Configuration
CFG0 Register (Address 0xA9)
Figure 82:
CFG 0 Register
Addr: 0xA9
CFG0
Bit
Bit Name
Default
Access
Bit Description
7:6
reserved
0
reserved
5
LOW_POWER
0
RW
Low Power Idle.
When asserted, the device will automatically run in a
low power mode whenever all functions are in wait
states or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69