Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341 Fiches technique(PDF) 38 Page - OSRAM GmbH

No de pièce AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Fiches technique(HTML) 38 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 34Page - OSRAM GmbH AS7341 Datasheet HTML 35Page - OSRAM GmbH AS7341 Datasheet HTML 36Page - OSRAM GmbH AS7341 Datasheet HTML 37Page - OSRAM GmbH AS7341 Datasheet HTML 38Page - OSRAM GmbH AS7341 Datasheet HTML 39Page - OSRAM GmbH AS7341 Datasheet HTML 40Page - OSRAM GmbH AS7341 Datasheet HTML 41Page - OSRAM GmbH AS7341 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 37
10.2.3
ADC Configuration (gai
n, AGC…)
The following registers provide configuration for the 6 integrated ADCs (CH0 to CH5). It is possible to
adjust the gain, configure and enable the automatic gain control (AGC) and setup the auto zero
compensation for the engines.
CFG1 Register (Address 0xAA)
Figure 49:
CFG1 Register
Addr: 0xAA
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:5
reserved
0
reserved
4:0
AGAIN
9
RW
Spectral engines gain setting.
Sets the spectral sensitivity.
VALUE
GAIN
0
0.5x
1
1x
2
2x
3
4x
4
8x
5
16x
6
32x
7
64x
8
128x
9
256x
10
512x
CFG10 Register (Address 0xB3)
Figure 50:
CFG10 Register
Addr: 0xB3
CFG10
Bit
Bit Name
Default
Access
Bit Description
7:6
AGC_H
3
RW
AGC High Hysteresis.
Sets the data threshold at which AGAIN is reduced
when spectral AGC mode is enabled. The threshold
is automatically calculated internally as a percentage
of full-scale. Note that full-scale is equal to (ATIME +
1) x (ASTEP + 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69