| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341 Fiches technique(PDF) 63 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7341 Fiches technique(HTML) 63 Page - OSRAM GmbH |
|
63 / 69 page ![]() Document Feedback AS7341 Package Drawings & Markings Datasheet • PUBLIC DS000504 • v3-00 • 2020-Jun-25 68 │ 62 12 Package Drawings & Markings Figure 95: OLGA8 Package Outline Drawing (1) All dimensions are in millimeters. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |