Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341 Fiches technique(PDF) 19 Page - OSRAM GmbH

No de pièce AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341 Fiches technique(HTML) 19 Page - OSRAM GmbH

Back Button AS7341 Datasheet HTML 15Page - OSRAM GmbH AS7341 Datasheet HTML 16Page - OSRAM GmbH AS7341 Datasheet HTML 17Page - OSRAM GmbH AS7341 Datasheet HTML 18Page - OSRAM GmbH AS7341 Datasheet HTML 19Page - OSRAM GmbH AS7341 Datasheet HTML 20Page - OSRAM GmbH AS7341 Datasheet HTML 21Page - OSRAM GmbH AS7341 Datasheet HTML 22Page - OSRAM GmbH AS7341 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
Document Feedback
AS7341
Functional Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 18
8.1
Channel Architecture
The device features 6 independent optical channels with a dedicated 16-bit light-to-frequency
converter. Gain and integration time of the 6 channels can be adjusted with the I2C interface. A wait
time can be programed to automatically set a delay between two consecutive spectral measurements
and to reduce overall power consumption. The other available channels can be accessed by a
multiplexer (SMUX) connecting them to one of the internal ADCs.
Figure 21: Simplified Block Diagram
CH0 ADC
CH1 ADC
CH2 ADC
CH3 ADC
CH4 ADC
CH5 ADC
CH0 Data
CH1 Data
CH2 Data
CH3 Data
CH4 Data
CH5 Data
6 x 16bit LTF ADC
GPIO
VDD
I2C
Interface
SCL
SDA
interrupt
handling
INT
GND
CH0 data
CH5 data
OTP
RC-
osc
NIR/CLEAR/FLICKER
regist er
8 x VIS F1-F8
4x4 PD array
LDR
LED
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69