Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7263 Fiches technique(PDF) 30 Page - OSRAM GmbH

No de pièce AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Fiches technique(HTML) 30 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 26Page - OSRAM GmbH AS7263 Datasheet HTML 27Page - OSRAM GmbH AS7263 Datasheet HTML 28Page - OSRAM GmbH AS7263 Datasheet HTML 29Page - OSRAM GmbH AS7263 Datasheet HTML 30Page - OSRAM GmbH AS7263 Datasheet HTML 31Page - OSRAM GmbH AS7263 Datasheet HTML 32Page - OSRAM GmbH AS7263 Datasheet HTML 33Page - OSRAM GmbH AS7263 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Datasheet, Public
Page 29
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Detailed Description
Figure 31:
UART Protocol
AT Command Interface
The microprocessor interface to control the NIR Spectral_ID
Sensor is via the UART, using the AT Commands across the UART
interface.
The 6-channel Spectral _ID sensor provides a text-based serial
command interface borrowed from the “AT Command” model
used in early Hayes modems.
For example:
• Read DATA value: ATDATA
→ <data>OK
• Set the gain of the sensor to 1x: ATGAIN =0
→ OK
The “AT Command Interface Block Diagram”, shown below be-
tween the network interface and the core of the system, pro-
vides access to the Spectral_ID engine’s control and configura-
tion functions.
Figure 32:
AT Command Interface Block Diagram
Start Bit
TX
D0
D1
D2
D3
D4
D5
D6
D7
D0
D0
D1
D2
D3
D4
D5
D6
D7
D0
Tbit=1/Baude Rate
Stop Bit
Next Start
Sample Points
Start Bit detected
After Tbit/2: Sampling of Start Bit
After Tbit: Sampling of Data
RX
P
Parity Bit
P
Always Low
Always High
Even or odd
Data Bits
AT Command Interface
Spectral_ID
Engine
AT
Command
Interface
RX
uP
TX
AS726x
AT Command Interface
AT Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46