| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7263 Fiches technique(PDF) 27 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7263 Fiches technique(HTML) 27 Page - OSRAM GmbH |
|
27 / 46 page ![]() Page 26 Datasheet, Public Document Feedback [v4-00] 2022-Nov-30 AS7263 − Detailed Description Figure 29: Sensor Calibrated Data Registers Addr: 0x10 V_High Bit Bit Name Default Access Bit Description 7:0 V_High R Channel V High Data Byte. Addr: 0x11 V_Low Bit Bit Name Default Access Bit Description 7:0 V_Low R Channel V Low Data Byte. Addr: 0x12 W_High Bit Bit Name Default Access Bit Description 7:0 W_High R Channel W High Data Byte. Addr: 0x13 W_Low Bit Bit Name Default Access Bit Description 7:0 W_Low R Channel W Low Data Byte. Addr: 0x14:0x17 R_Cal Bit Bit Name Default Access Bit Description 31:0 R_Cal R Channel R Calibrated Data (float). Addr: 0x18:0x1B S_Cal Bit Bit Name Default Access Bit Description 31:0 S_Cal R Channel S Calibrated Data (float). Addr: 0x1C:0x1F T_Cal Bit Bit Name Default Access Bit Description 31:0 T_Cal R Channel T Calibrated Data (float). Addr: 0x20:0x23 U_Cal Bit Bit Name Default Access Bit Description 31:0 U_Cal R Channel U Calibrated Data (float). |