Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7263 Fiches technique(PDF) 23 Page - OSRAM GmbH

No de pièce AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Fiches technique(HTML) 23 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 19Page - OSRAM GmbH AS7263 Datasheet HTML 20Page - OSRAM GmbH AS7263 Datasheet HTML 21Page - OSRAM GmbH AS7263 Datasheet HTML 22Page - OSRAM GmbH AS7263 Datasheet HTML 23Page - OSRAM GmbH AS7263 Datasheet HTML 24Page - OSRAM GmbH AS7263 Datasheet HTML 25Page - OSRAM GmbH AS7263 Datasheet HTML 26Page - OSRAM GmbH AS7263 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Page 22
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
Detailed Register Description
Figure 22:
HW Version Registers
Sensor Calibrated Data Registers
0x14:
0x17
R_Cal
Channel R Calibrated Data (float)
0x18:
0x1B
S_Cal
Channel S Calibrated Data (float)
0x1C:
0x1F
T_Cal
Channel T Calibrated Data (float)
0x20:
0x23
U_Cal
Channel U Calibrated Data (float)
0x24:
0x27
V_Cal
Channel V Calibrated Data (float)
0x28:
0x2B
W_Cal
Channel W Calibrated Data (float)
Addr: 0x00
HW_Version
Bit
Bit Name
Default
Access
Bit Description
7:0
Device Type
0100000
R
Device type number.
Addr: 0x01
HW_Version
Bit
Bit Name
Default
Access
Bit Description
7:0
HW Version
00111111
R
Hardware version.
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46