Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7263 Fiches technique(PDF) 16 Page - OSRAM GmbH

No de pièce AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Fiches technique(HTML) 16 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 12Page - OSRAM GmbH AS7263 Datasheet HTML 13Page - OSRAM GmbH AS7263 Datasheet HTML 14Page - OSRAM GmbH AS7263 Datasheet HTML 15Page - OSRAM GmbH AS7263 Datasheet HTML 16Page - OSRAM GmbH AS7263 Datasheet HTML 17Page - OSRAM GmbH AS7263 Datasheet HTML 18Page - OSRAM GmbH AS7263 Datasheet HTML 19Page - OSRAM GmbH AS7263 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Datasheet, Public
Page 15
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Detailed Description
Figure 15:
Photo Diode Array
Figure 16:
Bank Mode and Data Conversion
RC Oscillator
The timing generation circuit consists of an on-chip 16MHz,
temperature compensated oscillator, which provides the
master clock for the AS7263.
T
U
S
R
V
W
Photo Diode Array
BANK Mode 0
One Conversion
S, T, U, V
Integration Time
R, T, U, W
One Conversion
BANK Mode 1
Integration Time
S, T, U, V
1st Conversion
BANK Mode 2
Integration Time
R, T, U, W
2nd Conversion
Integration Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46