| Moteur de recherche de fiches techniques de composants électroniques |
|
00772425 Fiches technique(PDF) 15 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
00772425 Fiches technique(HTML) 15 Page - Christian Bürkert GmbH & Co. KG |
|
15 / 42 page ![]() Type büS Getting to know the büS topologies 15 5.3 Which topologies are recommended? The following topologies achieve the best results with regard to signal quality. 5.3.1 Line topology (daisy chain) All devices are connected in single row without a stub line. Device 1 Trunk Device 2 Device n Fig. 9: Line topology 5.3.2 Line topology with stub lines The trunk line of the network is connected directly to the next device. If this is not possible, use a stub line. Avoid stub lines as much as possible and keep them short. Please note the maximum stub line length that depends on the baud rate. Device 2 Trunk Stub Device 4 Device 1 Device 3 Device n Fig. 10: Line topology with stub lines |