| Moteur de recherche de fiches techniques de composants électroniques |
|
00772425 Fiches technique(PDF) 10 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
00772425 Fiches technique(HTML) 10 Page - Christian Bürkert GmbH & Co. KG |
|
10 / 42 page ![]() Type büS Getting to know the basics of a büS infrastructure – accessories, cables, pin assignment 10 4.2.2 Passive junction box Definition: A passive junction box is an IP65/IP67 block with connectors for the power supply and multiple büS connectors. It is a passive module and, therefore, does not have to be configured. Purpose: The passive junction box allows multiple connections to büS devices in a star form. The Y-con- nectors on each device become redundant when using a passive junction box, thus making cabling in the field much simpler. Fig. 4: Passive junction box 4.2.3 Gender changer Definition: A gender changer is an IP65/67 component with two male M12 connectors. Purpose: It is used to connect two female M12 connectors. Fig. 5: Gender changer |