| Moteur de recherche de fiches techniques de composants électroniques |
|
00772425 Fiches technique(PDF) 31 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
00772425 Fiches technique(HTML) 31 Page - Christian Bürkert GmbH & Co. KG |
|
31 / 42 page ![]() Type büS büS network shielding 31 c) Modifications (possible solutions) Gateway Device 1 (Direct) Building A: Equipotential, clean FE Device 3 (Direct) Device 6 (Direct) Device 2 (RC) Building B: Equipotential, clean FE Device 5 (Direct) Device 7 (None) Device 4 (Direct) Outside building A FE medium quality Applied solutions: Add both-end FE grounded and low-impedance metal duct or bypass conductor between building A and B Add both-end FE grounded and low-impedance metal duct or bypass conductor, led as near as possible to device 4. Reduce unshielded cable length, by changing trunk line: Shield is led directly past device 7 (e.g. with T-piece) and grounded at device 6 afterwards. 1 2 3 1 2 3 Fig. 35: Examples of possible modifications |