| Moteur de recherche de fiches techniques de composants électroniques |
|
00772425 Fiches technique(PDF) 40 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
00772425 Fiches technique(HTML) 40 Page - Christian Bürkert GmbH & Co. KG |
|
40 / 42 page ![]() Type büS Troubleshooting 40 14.6 Restarting some devices If the LED first lights up yellow and then turns red or green, it is an indication that the power supply has reached a limit for stable operation. If one device switches an actor on, the voltage drop is so high that the power falls below the limit and a restart will be performed. |