| Moteur de recherche de fiches techniques de composants électroniques |
|
AM62A7 Fiches technique(PDF) 108 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Fiches technique(HTML) 108 Page - Texas Instruments |
|
108 / 238 page ![]() 7.10.4 Clock Specifications 7.10.4.1 Input Clocks / Oscillators Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as follows: • MCU_OSC0_XO/MCU_OSC0_XI — external main crystal interface pins connected to the internal high- frequency oscillator (MCU_HFOSC0), which is the default clock source for internal reference clock HFOSC0_CLKOUT. • WKUP_LFOSC0_XO/WKUP_LFOSC0_XI — external crystal interface pins connected to internal low- frequency oscillator (WKUP_LFOSC0), which sources optional 32768 Hz reference clock. • General purpose clock inputs – MCU_EXT_REFCLK0 — optional external system clock. – EXT_REFCLK1 — optional external system clock. • External CPTS reference clock input – CP_GEMAC_CPTS0_RFT_CLK — optional reference clock input for CPTS_RFT_CLK. • External audio reference clock inputs/outputs – AUDIO_EXT_REFCLK[1:0] — optional McASP high-frequency input clocks when configured to operate as an input. For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the device TRM. AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 108 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |