| Moteur de recherche de fiches techniques de composants électroniques |
|
AM62A7 Fiches technique(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Fiches technique(HTML) 56 Page - Texas Instruments |
|
56 / 238 page ![]() Table 6-22. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMB PIN [4] GPIO0_43 (1) IO General Purpose Input/Output M22 GPIO0_44 (1) IO General Purpose Input/Output M20 GPIO0_45 IO General Purpose Input/Output U22 GPIO0_46 IO General Purpose Input/Output U21 GPIO0_47 IO General Purpose Input/Output U20 GPIO0_48 IO General Purpose Input/Output U19 GPIO0_49 IO General Purpose Input/Output T19 GPIO0_50 IO General Purpose Input/Output U18 GPIO0_51 IO General Purpose Input/Output V22 GPIO0_52 IO General Purpose Input/Output V21 GPIO0_53 IO General Purpose Input/Output V19 GPIO0_54 IO General Purpose Input/Output V18 GPIO0_55 IO General Purpose Input/Output W22 GPIO0_56 IO General Purpose Input/Output W21 GPIO0_57 IO General Purpose Input/Output W20 GPIO0_58 IO General Purpose Input/Output W19 GPIO0_59 IO General Purpose Input/Output Y21 GPIO0_60 IO General Purpose Input/Output Y22 GPIO0_61 IO General Purpose Input/Output T18 GPIO0_62 IO General Purpose Input/Output U17 GPIO0_63 IO General Purpose Input/Output V17 GPIO0_64 IO General Purpose Input/Output AA22 GPIO0_65 (1) IO General Purpose Input/Output G21 GPIO0_66 (1) IO General Purpose Input/Output F20 GPIO0_67 (1) IO General Purpose Input/Output F21 GPIO0_68 (1) IO General Purpose Input/Output E20 GPIO0_69 (1) IO General Purpose Input/Output H22 GPIO0_70 (1) IO General Purpose Input/Output G22 GPIO0_71 (1) IO General Purpose Input/Output F22 GPIO0_72 (1) IO General Purpose Input/Output E21 GPIO0_73 IO General Purpose Input/Output W16 GPIO0_74 IO General Purpose Input/Output AB17 GPIO0_75 IO General Purpose Input/Output Y17 GPIO0_76 IO General Purpose Input/Output V16 GPIO0_77 IO General Purpose Input/Output Y16 GPIO0_78 IO General Purpose Input/Output AA17 GPIO0_79 IO General Purpose Input/Output AA15 GPIO0_80 IO General Purpose Input/Output AA16 GPIO0_81 IO General Purpose Input/Output AB16 GPIO0_82 IO General Purpose Input/Output V15 GPIO0_83 IO General Purpose Input/Output W15 GPIO0_84 IO General Purpose Input/Output V14 GPIO0_85 IO General Purpose Input/Output V13 GPIO0_86 IO General Purpose Input/Output V12 GPIO0_87 IO General Purpose Input/Output Y19 AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 56 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |