| Moteur de recherche de fiches techniques de composants électroniques |
|
AM62A7 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 238 page ![]() Table 6-1. Pin Attributes (AMB Package) (continued) BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET (RX/TX/PULL) [7] BALL STATE AFTER RESET (RX/TX/PULL) [8] MUX MODE AFTER RESET [9] I/O OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] U1 DDR0_DM2 DDR0_DM2 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR W3 DDR0_DM3 DDR0_DM3 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR A5 DDR0_DQ0 DDR0_DQ0 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR B4 DDR0_DQ1 DDR0_DQ1 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR B6 DDR0_DQ2 DDR0_DQ2 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR D5 DDR0_DQ3 DDR0_DQ3 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR C5 DDR0_DQ4 DDR0_DQ4 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR C3 DDR0_DQ5 DDR0_DQ5 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR B2 DDR0_DQ6 DDR0_DQ6 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR A3 DDR0_DQ7 DDR0_DQ7 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR E2 DDR0_DQ8 DDR0_DQ8 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR F5 DDR0_DQ9 DDR0_DQ9 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR E6 DDR0_DQ10 DDR0_DQ10 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR G2 DDR0_DQ11 DDR0_DQ11 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR G6 DDR0_DQ12 DDR0_DQ12 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR G4 DDR0_DQ13 DDR0_DQ13 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR E4 DDR0_DQ14 DDR0_DQ14 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR D3 DDR0_DQ15 DDR0_DQ15 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR T6 DDR0_DQ16 DDR0_DQ16 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR T4 DDR0_DQ17 DDR0_DQ17 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR U5 DDR0_DQ18 DDR0_DQ18 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR R5 DDR0_DQ19 DDR0_DQ19 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR P2 DDR0_DQ20 DDR0_DQ20 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 18 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |