| Moteur de recherche de fiches techniques de composants électroniques |
|
AM62A7 Fiches technique(PDF) 88 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Fiches technique(HTML) 88 Page - Texas Instruments |
|
88 / 238 page ![]() 7.7.7 CSI-2 (D-PHY) Electrical Characteristics Note CSIRX0 is compliant with MIPI DPHY v1.2 dated August 1, 2014 including ECNs and Errata as applicable 7.7.8 USB2PHY Electrical Characteristics Note The USB0 and USB1 interfaces are compliant with Universal Serial Bus Revision 2.0 Specification dated April 27, 2000 including ECNs and Errata as applicable. 7.7.9 DDR Electrical Characteristics Note The DDR interface is compatible with LPDDR4 devices that are JESD209-4B standard-compliant AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 88 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |