Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM62A7 Fiches technique(PDF) 55 Page - Texas Instruments

No de pièce AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Fiches technique(HTML) 55 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 51Page - Texas Instruments AM62A7 Datasheet HTML 52Page - Texas Instruments AM62A7 Datasheet HTML 53Page - Texas Instruments AM62A7 Datasheet HTML 54Page - Texas Instruments AM62A7 Datasheet HTML 55Page - Texas Instruments AM62A7 Datasheet HTML 56Page - Texas Instruments AM62A7 Datasheet HTML 57Page - Texas Instruments AM62A7 Datasheet HTML 58Page - Texas Instruments AM62A7 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 238 page
background image
6.3.10 GPIO
6.3.10.1 MAIN Domain
Table 6-22. GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
GPIO0_0
IO
General Purpose Input/Output
L22
GPIO0_1
IO
General Purpose Input/Output
K22
GPIO0_2
IO
General Purpose Input/Output
L21
GPIO0_3
IO
General Purpose Input/Output
J21
GPIO0_4
IO
General Purpose Input/Output
J18
GPIO0_5
IO
General Purpose Input/Output
J19
GPIO0_6
IO
General Purpose Input/Output
H18
GPIO0_7
IO
General Purpose Input/Output
K21
GPIO0_8
IO
General Purpose Input/Output
H19
GPIO0_9
IO
General Purpose Input/Output
J20
GPIO0_10
IO
General Purpose Input/Output
J22
GPIO0_11
IO
General Purpose Input/Output
H21
GPIO0_12
IO
General Purpose Input/Output
G19
GPIO0_13 (1)
IO
General Purpose Input/Output
K20
GPIO0_14 (1)
IO
General Purpose Input/Output
G20
GPIO0_15
IO
General Purpose Input/Output
N21
GPIO0_16
IO
General Purpose Input/Output
N20
GPIO0_17
IO
General Purpose Input/Output
N19
GPIO0_18
IO
General Purpose Input/Output
N18
GPIO0_19
IO
General Purpose Input/Output
N17
GPIO0_20
IO
General Purpose Input/Output
P18
GPIO0_21
IO
General Purpose Input/Output
P19
GPIO0_22
IO
General Purpose Input/Output
P21
GPIO0_23
IO
General Purpose Input/Output
P22
GPIO0_24
IO
General Purpose Input/Output
R19
GPIO0_25
IO
General Purpose Input/Output
R20
GPIO0_26
IO
General Purpose Input/Output
R22
GPIO0_27
IO
General Purpose Input/Output
T22
GPIO0_28
IO
General Purpose Input/Output
R21
GPIO0_29
IO
General Purpose Input/Output
T20
GPIO0_30
IO
General Purpose Input/Output
T21
GPIO0_31
IO
General Purpose Input/Output
N22
GPIO0_32
IO
General Purpose Input/Output
L18
GPIO0_33
IO
General Purpose Input/Output
L17
GPIO0_34
IO
General Purpose Input/Output
K19
GPIO0_35
IO
General Purpose Input/Output
L19
GPIO0_36
IO
General Purpose Input/Output
M18
GPIO0_37
IO
General Purpose Input/Output
R18
GPIO0_38
IO
General Purpose Input/Output
R17
GPIO0_39
IO
General Purpose Input/Output
K17
GPIO0_40
IO
General Purpose Input/Output
K18
GPIO0_41
IO
General Purpose Input/Output
M19
GPIO0_42
IO
General Purpose Input/Output
M21
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More