| Moteur de recherche de fiches techniques de composants électroniques |
|
AM62A7 Fiches technique(PDF) 206 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Fiches technique(HTML) 206 Page - Texas Instruments |
|
206 / 238 page ![]() For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in Peripherals chapter in the device TRM. 7.10.5.20 USB The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the specification for timing details. For more details about features and additional description information on the device Universal Serial Bus Subsystem (USB), see the corresponding subsections within Signal Descriptions and Detailed Description sections. AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 www.ti.com 206 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |