| Moteur de recherche de fiches techniques de composants électroniques |
|
AM62A7 Fiches technique(PDF) 163 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 Fiches technique(HTML) 163 Page - Texas Instruments |
|
163 / 238 page ![]() 7.10.5.15 MCSPI Note McSPI has one or more signals which can be multiplexed to more than one pin. Timing requirements and switching characteristics defined in this section are only valid for specific pin combinations known as IOSETs. Valid pin combinations or IOSETs for this interface are defined in the SysConfig-PinMux Tool. For more details about features and additional description information on the device Serial Port Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections. Table 7-74 presents timing conditions for MCSPI. Table 7-74. MCSPI Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 2 8.5 V/ns OUTPUT CONDITIONS CL Output load capacitance 6 12 pF For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the device TRM. www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1 SPRSP77A – MARCH 2023 – REVISED AUGUST 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 163 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 |