Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8812U/2 Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 26Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 27Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 28Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 29Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 30Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 31Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 32Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 33Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
2000 Nov 22
30
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
ROW 35
154
−4865
−934.6
ROW 34
155
−4935
−934.6
ROW 33
156
−5005
−934.6
dummy pad
157
−5355
−934.6
dummy pad
158
−5320
+934.6
ROW 51
159
−5180
+934.6
ROW 52
160
−5110
+934.6
ROW 53
161
−5040
+934.6
ROW 54
162
−4970
+934.6
ROW 55
163
−4900
+934.6
ROW 56
164
−4830
+934.6
ROW 57
165
−4760
+934.6
ROW 58
166
−4690
+934.6
ROW 59
167
−4620
+934.6
ROW 60
168
−4550
+934.6
ROW 61
169
−4480
+934.6
ROW 62
170
−4410
+934.6
ROW 63
171
−4340
+934.6
ROW 64
172
−4270
+934.6
dummy pad
173
−4050
+934.6
VDD1
174
−3890
+934.6
VDD1
175
−3810
+934.6
VDD1
176
−3730
+934.6
VDD1
177
−3650
+934.6
VDD1
178
−3570
+934.6
VDD1
179
−3490
+934.6
VDD3
180
−3250
+934.6
VDD2
181
−3090
+934.6
VDD2
182
−3010
+934.6
VDD2
183
−2930
+934.6
VDD2
184
−2850
+934.6
VDD2
185
−2770
+934.6
VDD2
186
−2690
+934.6
VDD2
187
−2610
+934.6
VDD2
188
−2530
+934.6
VDD2
189
−2450
+934.6
VDD2
190
−2370
+934.6
VDD2
191
−2290
+934.6
VDD2
192
−2210
+934.6
SYMBOL
PAD
COORDINATES
xy
VDD2
193
−2130
+934.6
OSC
194
−1890
+934.6
SDIN
195
−1650
+934.6
D/C
196
−1410
+934.6
SCE
197
−1170
+934.6
T2
198
−930
+934.6
SCLK
199
−690
+934.6
VSS2
200
−530
+934.6
VSS2
201
−450
+934.6
VSS2
202
−370
+934.6
VSS2
203
−290
+934.6
VSS2
204
−210
+934.6
VSS2
205
−130
+934.6
VSS2
206
−50
+934.6
VSS2
207
+30
+934.6
VSS2
208
+110
+934.6
VSS2
209
+190
+934.6
VSS2
210
+270
+934.6
VSS2
211
+350
+934.6
VSS2
212
+430
+934.6
VSS2
213
+510
+934.6
VSS1
214
+670
+934.6
VSS1
215
+750
+934.6
VSS1
216
+830
+934.6
VSS1
217
+910
+934.6
T1
218
+1150
+934.6
T5
219
+1630
+934.6
T4
220
+2030
+934.6
VSS1
221
+2110
+934.6
VSS1
222
+2190
+934.6
T3
223
+2270
+934.6
VLCDIN
224
+2510
+934.6
VLCDIN
225
+2590
+934.6
VLCDIN
226
+2670
+934.6
VLCDIN
227
+2750
+934.6
VLCDIN
228
+2830
+934.6
VLCDIN
229
+2910
+934.6
VLCDOUT
230
+3070
+934.6
VLCDOUT
231
+3150
+934.6
SYMBOL
PAD
COORDINATES
xy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36