Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8812U/2 Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 12Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 13Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 14Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 15Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 16Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 17Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 18Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 19Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
2000 Nov 22
16
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
10.8
Bias system
The bias voltage levels are set in the ratio of R -R-nR-R-R giving a
bias system. Different multiplex rates
require different factors ‘n’ (see Table 4). This is programmed by BS2 to BS0. For MUX1 to MUX65 the optimum bias
value ‘n’ is given by:
resulting in 1/9 bias.
Table 4
Programming the required bias system
Table 5
LCD bias voltage
BS2
BS1
BS0
n
RECOMMEND MUX
RATE
0007
1 to 100
0016
1 to 80
0105
1 to 65 or 1 to 65
0114
1 to 48
1003
1 to 40 or 1 to 34
1012
1 to 24
1101
1 to 18 or 1 to 16
1110
1 to 10 or 1 to 9
or 1 to 8
SYMBOL
BIAS VOLTAGES
BIAS VOLTAGES FOR n = 5 (1/9 BIAS)
V1
VLCD
VLCD
V2
8/9 × VLCD
V3
7/9 × VLCD
V4
2/9 × VLCD
V5
1/9 × VLCD
V6
VSS
VSS
1
n4
+
()
-----------------
n65
3
–
5.062
5
==
=
n3
+
()
n4
+
()
-----------------
n2
+
()
n4
+
()
-----------------
2
n4
+
()
-----------------
1
n4
+
()
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36