Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT83SND2CMP3 Fiches technique(PDF) 57 Page - ATMEL Corporation

No de pièce AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Fiches technique(HTML) 57 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 53Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 54Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 55Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 56Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 57Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 58Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 59Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 60Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
57
AT83SND2CMP3
7524B–MP3–05/06
Figure 46.
MMC Clock Generator and Symbol
As soon as MMCEN bit in MMCON2 is set, the MMC controller receives its system
clock. The MMC command and data clock is generated on MCLK output and sent to the
command line and data line controllers. Figure 47 shows the MMC controller configura-
tion flow.
As exposed in Section “Clock Control”, page 55, MMCD7:0 bits can be used to dynami-
cally increase or reduce the MMC clock.
Figure 47.
Configuration Flow
MMCD7:0
MMCLK
MMC Clock
MMCclk
OSCclk
MM CD
1
+
-----------------------------
=
OSC
CLOCK
MMCEN
MMCON2.7
Controller Clock
MMC
CLOCK
MMC Clock Symbol
MMC Controller
Configuration
Configure MMC Clock
MMCLK = XXh
MMCEN = 1
FLOWC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97