Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT83SND2CMP3 Fiches technique(PDF) 4 Page - ATMEL Corporation

No de pièce AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Fiches technique(HTML) 4 Page - ATMEL Corporation

  AT83SND2CMP3 Datasheet HTML 1Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 2Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 3Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 4Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 5Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 6Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
4
AT83SND2CMP3
7524B–MP3–05/06
Pin Description
Pinouts
Figure 3. AT83SND2CMP3 100-pin BGA Package
1. NC = Do Not Connect
AUXN
8
97
6
5
4
3
2
C
B
A
D
E
F
G
H
1
NC
NC
AUDVDD
HSVDD
HSVSS
AUDVSS
AUDVCM
NC
HSL
HSR
PVSS
INGND
D+
P0.0/
NC
PVDD
LINEL
X2
D-
NC
P0.3/
NC
AUDVREF
FILT
LINER
X1
VSS
VSS
MONON
P0.4/
P0.5/
VSS
P3.0/
TST
P3.6/
VDD
P4.2/
P0.6/
P0.7/
VDD
P3.1/
P3.4/
P3.5/
P3.7/
P4.1/
P4.0/
P4.3/
NC
ESDVSS
P3.2/
DSEL
DCLK
LPHN
P2.0/
P2.1/
P2.5/
MCLK
VDD
NC
SCLK
DOUT
CBP
NC
P2.2/
P2.3/
P2.7/
VSS
MDAT
AUDRST
VSS
AUDVSS
J
P0.2/
P0.1/
NC
AUXP
MONOP
AD7
WR
NC
VDD
P2.4/
P2.6/
NC
MCMD
RST
NC
VDD
UVSS
UVDD
VDD
P3.3/
AUDVSS
HPN
AUDVBAT
HPP
PAINN
PAINP
K
A8
KIN0
AD0
AD4
AD3
AD2
AD1
SCL
SDA
AD5
A9
A10
A11
A12
A13
A14
A15
T0
T1
TXD
RXD
RD
INT1
INT0
10
AD6
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97