Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT83SND2CMP3 Fiches technique(PDF) 79 Page - ATMEL Corporation

No de pièce AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Fiches technique(HTML) 79 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 75Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 76Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 77Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 78Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 79Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
79
AT83SND2CMP3
7524B–MP3–05/06
Figure 77. IDL Test Condition, Idle Mode
Figure 78. I
PD Test Condition, Power-Down Mode
Oscillator & Crystal
Schematic
Figure 79. Crystal Connection
Note:
For operation with most standard crystals, no external components are needed on X1
and X2. It may be necessary to add external capacitors on X1 and X2 to ground in spe-
cial cases (max 10 pF). X1 and X2 may not be used to drive other circuits.
Parameters
Table 59. Oscillator & Crystal Characteristics
X2
VDD
Clock Signal
RST
VSS
TST
X1
P0
(NC)
I
DL
All other pins are unconnected
VSS
VDD
VSS
VDD
PVDD
UVDD
AUDVDD
PVSS
UVSS
AUDVSS
RST
MCMD
P0
All other pins are unconnected
VSS
VDD
TST
MDAT
VDD
IPD
VDD
PVDD
UVDD
AUDVDD
X2
VSS
X1
(NC)
VSS
PVSS
UVSS
AUDVSS
VSS
X1
X2
Q
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97