| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83SND2CMP3 Fiches technique(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3 Fiches technique(HTML) 9 Page - ATMEL Corporation |
|
9 / 97 page ![]() 9 AT83SND2CMP3 7524B–MP3–05/06 Internal Pin Structure Table 13. Detailed Internal Pin Structure Notes: 1. For information on resistors value, input/output levels, and drive capability, refer to the DC Characteristics. 2. When the Two Wire controller is enabled, P3 transistors are disabled allowing pseudo open-drain structure. Circuit(1) Type Pins Input TST Input/Output RST Input/Output P3 P4 Input/Output P0 MCMD MDAT Output ALE SCLK DCLK DOUT DSEL MCLK Input/Output D+ D- VDD VSS P VDD Watchdog Output P3 VSS N P1 VDD VDD 2 osc Latch Output periods P2 VDD VSS N P VDD VSS N P VDD D+ D- |