Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA3200DAK4AX Fiches technique(PDF) 81 Page - Advanced Micro Devices

No de pièce ADA3200DAK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX Fiches technique(HTML) 81 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 77Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 78Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 79Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 80Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 82Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 83Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 84Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
81
AMD Turion™ 64 Mobile Technology
Table 36: AMD Turion™ 64 Mobile Technology Thermal/Power Specifications
The notes for this table appear on page 83.
Parameter/OPN
Notes
Tdie M ax
Tambient / Trise
Thermal Resistance (die-amb)
Max P-State
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #1
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #2
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #3
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #4
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #5
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #6
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Min P-S tate
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Halt/S top Grant
IDDC1 M ax @ Max P-State
4
IDDC1 M ax @ Min P-State
5
I/O Power
10, 13
C3/S1 Min P-S tate VID_VDD 6
IDDC3 M ax
I/O Power
10, 13
C3/S1 AltVID
7
VID_VDD
8
IDDC3 M ax
I/O Power
10, 13
S3
9
I/O Power
9, 11, 13
360 mW
250 mW
360 mW
0.850 V
0.64 A
1.46 A
2.2 W
0.83 A
6.19 A
7.
9 W
6.10 A
800 M Hz
0.900 V
0.889 V
N/A
N/A
N/A
N/A
15.79 A
19.9 W
N/A
18.70 A
24.0 W
1600 MHz
1.150 V
1.121 V
TMSMT32BQX4LD
95°C
35°C
10°C
2.08°C/W
1800 MHz
1.200 V
1.166 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com