Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA3200DAK4AX Fiches technique(PDF) 75 Page - Advanced Micro Devices

No de pièce ADA3200DAK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX Fiches technique(HTML) 75 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 71Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 72Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 73Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 74Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 75Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 76Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 77Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 78Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
75
AMD Turion™ 64 Mobile Technology
4 AMD Turion™ 64 Mobile Technology
The following sections contain AMD Turion™ 64 Mobile Technology thermal/power and related
BIOS specifications for processors. Each column in the BIOS and thermal/power tables represents a
specific Ordering Part Number (OPN). Section 4.1 provides an example of the OPN structure for this
processor family.
For all other electrical specifications for the processor, refer to the AMD Turion™ 64 Mobile Technol-
ogy Product Data Sheet, order #32816. For power management BIOS requirements, refer to the BIOS
and Kernel Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors,
order #26094.
4.1 Ordering Part Number Description
Figure 4. AMD Turion™ 64 Mobile Technology Ordering Part Number Example
Note: Refer to the AMD Functional Data Sheet, 754 Pin Package,
order #31410, for package drawings. Refer to the BIOS and Kernel
Developer’s Guide for AMD Athlon™ 64 Processors and
AMD Opteron™ Processors, order #26094, for information on
translating VID Codes to Standard or Low Power Mobile Voltages.
Table 28: AMD Turion™ 64 Mobile Technology Part Definition Options
Part
Definition
VID Voltage
Revision
Package
Drawing
LD
Low Power Mobile Rev E5
B4
Part Definition: LD = Lower Power Mobile VID Voltage, Rev. E5,
(see Table 28)
L2 Cache Size: 5 = 1 Megabyte (see Table 29)
Case Temperature: X = 95° C (see Table 30)
Operating Voltage: Q = 1.20 V (see Table 31)
Package: B = 754 Pin Lidless O
μPGA (see Table 32)
Model Number: MT37 = 2000 (see Table 33)
Brand: AMD Turion™ 64 Mobile Technology
Power Limit: S = 25 W (see Table 34)
TM S MT37 B Q X 5 LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com