Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA3200DAK4AX Fiches technique(PDF) 56 Page - Advanced Micro Devices

No de pièce ADA3200DAK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX Fiches technique(HTML) 56 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 52Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 53Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 54Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 55Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 56Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 57Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 58Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 59Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
56
AMD Athlon™ 64 FX Processor
2.3 AMD Athlon™ 64 FX Processor Thermal/Power Specifications
Table 19 contains the power and thermal specifications for this processor family. Each column in the
thermal/power specification tables represents a specific Ordering Part Number (OPN). Section 2.1 on
page 49 provides an example of the OPN structure for this processor family.
Table 19: AMD Athlon™ 64 FX Processor Thermal/Power Specifications
The notes for this table appear on page 59.
Parameter/OPN
Notes
Tcase M ax
1
Tcontrol Max
2
Tambient
Thermal Resistance (case-amb)
Max P-S tate
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #1
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #2
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #3
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #4
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #5
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #6
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Min P-S tate
VID_VDD
3
IDD M ax
Thermal Design Power
4
Halt/S top Grant
IDDC1 Max @ Max P-State
5
IDDC1 Max @ Min P-State
6
I/O Power
8, 12
S3
7
I/O Power
7, 9, 12
N/A
30.0 A
N/A
N/A
N/A
N/A
N/A
N/A
ADAFX53CEP5AT
1.500 V
2400 M Hz
57.4 A
89.0 W
0.31°C/W
N/A
N/A
ADAFX51CEP5AK
N/A
89.0 W
57.4 A
1.500 V
2200 MHz
70°C
0.31°C/W
N/A
N/A
N/A
N/A
N/A
30.0 A
N/A
2.9 W
1.4 W
750 mW
2.9 W
70°C
70°C
42°C
42°C
70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com