Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA3200DAK4AX Fiches technique(PDF) 52 Page - Advanced Micro Devices

No de pièce ADA3200DAK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DAK4AX Fiches technique(HTML) 52 Page - Advanced Micro Devices

Back Button ADA3200DAK4AX Datasheet HTML 48Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 49Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 50Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 51Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 52Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 53Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 54Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 55Page - Advanced Micro Devices ADA3200DAK4AX Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
52
AMD Athlon™ 64 FX Processor
2.2 AMD Athlon™ 64 FX Processor BIOS Specifications
Table 18 contains the power and thermal related BIOS specifications for this processor family. Each
column in the BIOS specification tables represents a specific Ordering Part Number (OPN). Section
2.1 provides an example of the OPN structure for this processor family.
Table 18: AMD Athlon™ 64 FX Processor BIOS Specifications
The notes for this table appear on page 55.
Parameter/OPN
Notes
M odel Number
CPUID 8000_0001h EBX [11:6]
(BrandID)
1
CPUID 8000_0001h EAX [31:0]
(CPUID)
1
FID/VID Status M axVID Field
2
FID/VID Status M axFID Field
2
FID/VID Status StartVID Field
2
FID/VID Status StartFID Field
2
L2 Cache Size
Max P-S tate
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-S tate #1
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-S tate #2
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-S tate #3
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-S tate #4
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-S tate #5
5
VID Code / VID_VDD
3
Thermal Design Power
4
Intermediate P-S tate #6
5
VID Code / VID_VDD
3
Thermal Design Power
4
Min P-S tate
VID Code / VID_VDD
3
Thermal Design Power
4
N/A
N/A
N/A
N/A
N/A
89.0 W
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
2400 M Hz
1 M B
02h
N/A
2Ah
02h
1.500 V
89.0 W
1 MB
2200 MHz
02h
1.500 V
10h
24h
00h
00000F5Ah
FX53
ADAFX53CEP5AT
ADAFX51CEP5AK
FX51
24h
00000F58h
00h
2Ah
02h
0Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com