Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6501 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics VV6501 Datasheet HTML 51Page - STMicroelectronics VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Optical Characteristics
VV6501
50/60
7.3
Spectral response
The spectral response measurement is given below.
7.4
Blooming
We do not perform any test measurements for blooming.
Blooming is a phenomenon that does not affect CMOS sensors the same way as CCD imagers are
afflicted. CCD blooming can cause an entire column or set of columns to flood and saturate.
Figure 29: Spectral response
Wavelength in nm
700
800
900
1000
red
green1
green2
blue
2000
1500
1000
500
0
-500
400
500
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60