Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6501 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics VV6501 Datasheet HTML 56Page - STMicroelectronics VV6501 Datasheet HTML 57Page - STMicroelectronics VV6501 Datasheet HTML 58Page - STMicroelectronics VV6501 Datasheet HTML 59Page - STMicroelectronics VV6501 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
59/60
VV6501
Evaluation Kits
11
Evaluation Kits
Evaluation kits are available to demonstrate the VV6501 sensor technology.
The sensor can be demonstrated using the PCI card based standard evaluation kit STV-EVK-E01.
A daughter card kit is also available to purchase separately. The daughter card is a simple pcb on
which the sensor is mounted. The daughter card can then be plugged into the main evaluation kit
pcb.
The evaluation kit is supplied with supporting software that enables the customer to program the
sensor via an I2C interface.
Table 28: Ordering details
Part Number
Description
STV-EVK-E01
Sensor only evaluation kit for VV6501C001
STV-6501C-
D01
Sensor daughter card for VV6501C001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60