Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6501 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 8Page - STMicroelectronics VV6501 Datasheet HTML 9Page - STMicroelectronics VV6501 Datasheet HTML 10Page - STMicroelectronics VV6501 Datasheet HTML 11Page - STMicroelectronics VV6501 Datasheet HTML 12Page - STMicroelectronics VV6501 Datasheet HTML 13Page - STMicroelectronics VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Functional Description
VV6501
12/60
3.1.6
Line formats
Each line of data from the sensor starts with an escape sequence followed by a line code that
identifies the line type. The line code is then followed by two bytes that contain a coded line number.
Each line is terminated with an end-of-line code followed by a line average. The one exception to
this is the first line in the frame where the end of line code is followed by a frame count.
The line code formats are detailed in
Figure 9.
Figure 8: Line data format
Start of Active Video (SAV)
Line
End of Active Video (EAV)
number
SAV
Line
code
Escape/Sync
sequence
Line
code
Escape/Sync
sequence
N pixels
1N
Pixel number (unshuffled pixel data)
Null
PixAv
Video data
YH
D1 D0
D3 D2
PM PL
PM PL
8H 0H
XH
4/5-wire data bus
0H
FH
0H
FH
FH
D1 D0
D3 D2
Line
padding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60