Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6501 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics VV6501 Datasheet HTML 51Page - STMicroelectronics VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics VV6501 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Defect Categorisation
VV6501
52/60
8.3
Sensor array area definition
For specific aspects (refer to couplet test, see
Section 8.4.3) of pixel defect testing, the image
sensor array is subdivided into two regions as follows:
The inner array in
Figure 30 above is centre justified, in the x and y axis, with respect to the outer
array. The inner array is 50% of the full width and 50% of the full height of the larger outer array,
therefore the inner array is one quarter of the area of the outer array.
Figure 30: VV6501 array
322 pixels
644 pixels
484
pixels
242
pixels
Inner area
Outer area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60