| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD77533 Fiches technique(PDF) 99 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Fiches technique(HTML) 99 Page - Renesas Technology Corp |
|
99 / 104 page ![]() Data Sheet S15671EJ4V0DS 97 µµµµPD77533 * * Parameter * None * * Return Value * None ---------------------------------------------------------------------------- */ static void LsSerialIn(void) { int Len; if(LsComm.EstimateLen[SERIAL_IN] > 0) { /* Data previously read remains unused. When multiple commands */ /* (that need to be divided into multiple packets) are continuously transmitted */ /* from LS, the first command is immediately used, however, the second and later */ /* commands stay in packets and are transmitted here. */ CopyLsToGm(); if(LsComm.CurrentLen[SERIAL_IN] == LsComm.EstimateLen[SERIAL_IN]) LsComm.EstimateLen[SERIAL_IN] = 0; } else if((Len = RecvFromSerial(SERIAL_LS, (char*)LsComm.BinData[SERIAL_IN], PACKET_DATA_LEN)) > 0) { LsComm.CurrentLen[SERIAL_IN] = Len; LsComm.EstimateLen[SERIAL_IN] = 0; CopyLsToGm(); if(LsComm.CurrentLen[SERIAL_IN] == LsComm.EstimateLen[SERIAL_IN]) LsComm.EstimateLen[SERIAL_IN] = 0; } return; } /*----------------------------------------------------------------------------- * Function * Copy command from LS to response buffer * * Parameter * None * * Return Value * None ---------------------------------------------------------------------------- */ static void CopyLsRes(void) { ResInfo.LsResCnt += 1; ResInfo.LsResLen = LsComm.CurrentLen[SERIAL_IN]; memcpy(ResInfo.LsResData, LsComm.BinData[SERIAL_IN], ResInfo.LsResLen); ResInfo.LsResFixed = TRUE; return; } /*----------------------------------------------------------------------------- * Function * Output command from LS to GM * * Parameter |