| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD77533 Fiches technique(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Fiches technique(HTML) 87 Page - Renesas Technology Corp |
|
87 / 104 page ![]() Data Sheet S15671EJ4V0DS 85 µµµµPD77533 /* LS command */ #define CMD_CA 0x4341 /* "CA" */ #define CMD_BB 0x4242 /* "BB" */ #define CMD_IA 0x4941 /* "IA" */ #define CMD_JM 0x4A4D /* "JM" */ #define CMD_PJ 0x504A /* "PJ" */ #define CMD_AC 0x4143 /* "AC" */ #define CMD_DA 0x4441 /* "DA" */ #define CMD_EA 0x4541 /* "EA" */ #define CMD_FA 0x4641 /* "FA" */ #define CMD_FC 0x4643 /* "FC" */ #define CMD_BD 0x4244 /* "BD" */ #define CMD_CB 0x4342 /* "CB" */ #define CMD_ID_LS 0x80 /* LS command */ #define CMD_ID_EXTENTION 0x7F /* Extension command */ #define LS_CMD_MAX_LEN 330 /* Maximum length of LS command */ /*====================*/ /* Structure definition */ /*====================*/ /* COM information */ /* Serial transmission/reception data is stored in COM information work area */ typedef struct { unsigned char BinData[2][PACKET_MAX_LEN]; /* Transmitted/received data (binary) */ int CurrentLen[2]; /* Length of data stored in BinData */ int EstimateLen[2]; /* Estimated total length of packet */ int FixedFlag[2]; /* Packet complete flag */ /* The above packet complete flag becomes TRUE when the whole */ /* packet has been received in SERIAL_IN, and in SERIAL_OUT, */ /* transmission is started immediately after the flag is set to TRUE. */ int AckNackWait; /* ACK/NACK wait flag */ int LScmdLen; /* Length of command from LS */ } COMMINFO; /* Response information */ /* Response from GS and commands from LS are stored in response */ /* information work area when received */ typedef struct { /* GM side */ unsigned int GmResCnt; /* Response count on GM side */ int GmResFixed; /* Response reception complete flag on GM side */ int GmResLen; /* Length of response on GM side */ unsigned char GmResData[PACKET_MAX_LEN]; /* Response data on GM side */ /* LS side */ unsigned int LsResCnt; /* Response count on LS side */ int LsResFixed; /* Response reception complete flag on LS side */ int LsResLen; /* Length of response on LS side */ unsigned char LsResData[LS_CMD_MAX_LEN]; /* Response data on LS side */ } RESINFO; /*==================*/ /* Function prototype */ /*==================*/ static int CompareData(const unsigned char *Data1, int Len1, const unsigned char *Data2, int Len2); |