| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD77533 Fiches technique(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Fiches technique(HTML) 61 Page - Renesas Technology Corp |
|
61 / 104 page ![]() Data Sheet S15671EJ4V0DS 59 µµµµPD77533 16.10 !cb Request [Function] Requests the !cb response. Figure 16-10. !cb Request Flow [Command] Table 16-11. Format of !cb Request Field Number of Bytes Form Description CMD-ID 1 − 0x20 LENGTH 1 − 0 FLAG 1 − 0x03 [Response] A response is returned in the format shown in Table 16-11. The µPD77533 returns !cb following a response. [Remark] This command can be used when positioning is requested from the receiver side. Upon receiving the !cb Request command, the µPD77533 sends the !cb response to the LS. The LS starts positioning after receiving this response. This command does not need to be used when positioning is requested from the LS side. Note that the actual control flow when positioning is started from the receiver side depends on the system. PD77533 µ Host CPU LS CMD-ID = 0x20 CMD-ID = 0x20 !cb ACK !cb |