| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD77533 Fiches technique(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Fiches technique(HTML) 54 Page - Renesas Technology Corp |
|
54 / 104 page ![]() Data Sheet S15671EJ4V0DS 52 µµµµPD77533 16.1 Baud Rate Change [Function] Changes the baud rate between the µPD77533 and the host CPU. Figure 16-1. Baud Rate Change Flow [Command] Table 16-2. Format of Baud Rate Change Field Number of Bytes Form Description CMD-ID 1 − 0x01 LENGTH 1 − 1 DATA Baud rate 1 unsigned 0 = 2400 bps, 1 = 4800 bps, 2 = 9600 bps (Default), 3 = 19200 bps, 4 = 38400 bps, 5 = 57600 bps, Else = 115200 bps FLAG 1 − 0x03 [Response] The µPD77533 does not return a response. [Remark] If the µPD77533 can execute this command correctly, no response is returned. PD77533 µ Host CPU CMD-ID = 0x01 |