Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS500 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce HCS500
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 6Page - Microchip Technology HCS500 Datasheet HTML 7Page - Microchip Technology HCS500 Datasheet HTML 8Page - Microchip Technology HCS500 Datasheet HTML 9Page - Microchip Technology HCS500 Datasheet HTML 10Page - Microchip Technology HCS500 Datasheet HTML 11Page - Microchip Technology HCS500 Datasheet HTML 12Page - Microchip Technology HCS500 Datasheet HTML 13Page - Microchip Technology HCS500 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HCSXXX
DS41256A-page 10
Preliminary
 2004 Microchip Technology Inc.
TABLE 2-13:
HCS412 18 X 16-BIT EEPROM MEMORY MAP
2.3
Entering Program Mode
Entering the Program/Verify mode will be dependent
upon the type of device in use. Most KEELOQ devices
use a serial clock and bidirectional data line to access
the chips' memory maps. In order to enter the
Programming mode, a Start condition is sent to the
target device, where the clock and data lines must be
held high and low for specified periods of time. That is,
all lines are held low while the clock line is driven high.
After a short delay, the data line is driven high. At this
point, both lines must remain high for another delay
period prior to dropping back to ground. After dropping
both lines low and providing another delay, the state
machine for the KEELOQ device will enter the
Programming mode and begin to wait for data, or
depending on the component, a bulk erase is
performed on the memory array.
For the HCS360 and HCS361 devices, the Programming
mode is entered by providing a clock source on the clock
line and a Start pulse on the data line, as described in the
previous paragraph. However, the difference is with
driving the S1 pin, as shown in Figure 5-5. Bit 0 of the
data packet must be driven on the S1 pin and kept at that
level throughout the programming cycles and through
verification.
The HCS512 is another device that does not conform to
the 2-wire protocol described above. For this device, the
MCLR pin is driven high while data is held low. After the
minimum setup time has been realized, the clock pin is
driven high and then low for a minimum amount of time
in order to send the HCS512 a Start condition and
complete the Entry mode for the next programming
sequence. The associated waveform is detailed in
Section 5.0
“Program/Verify
Mode
Electrical
Characteristics”. The HCS512 is also the only device
that requires a checksum be sent to the target device
while it is being programmed. See the Checksum
Section in the HCS512 Data Sheet, “KEELOQ® Code
Hopping Decoder“ (DS40151), for details on calculating
the checksum.
Word Address
Mnemonic
Description
0x00
KEY0
Word 0 (LSb’s) of 64-bit crypt key 1
0x01
KEY1
Word 1 of 64-bit crypt key 1
0x02
KEY2
Word 2 of 64-bit crypt key 1
0x03
KEY3
Word 3 (MSb’s) of 64-bit crypt key 1
0x04
SEED0
Word 0 (LSb’s) of 60-bit seed value
0x05
SEED1
Word 1 of 60-bit seed value
0x06
SEED2
Word 2 of 60-bit seed value
0x07
CFG/SEED3
Word 3 of 60-bit seed value/Configuration in top nibble
0x08
CONFIG1
Configuration Word 1 (security options)
0x09
CONFIG2
Configuration Word 2
0x0A
SER0
Word 0 (LSb’s) of 32-bit serial number
0x0B
SER1
Word 1 (MSb’s) of 32-bit serial number
0x0C
USR0
Word 0 (LSb’s) of 64-bit user area
0x0D
USR1
Word 1 of 64-bit user area
0x0E
USR2
Word 2 of 64-bit user area
0x0F
USR3
Word 3 (MSb’s) of 64-bit user area
Note:
The HCS512 requires an external clock
signal for the OSCIN pin. This signal is
necessary throughout the Programming
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com