Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS500 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce HCS500
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 17Page - Microchip Technology HCS500 Datasheet HTML 18Page - Microchip Technology HCS500 Datasheet HTML 19Page - Microchip Technology HCS500 Datasheet HTML 20Page - Microchip Technology HCS500 Datasheet HTML 21Page - Microchip Technology HCS500 Datasheet HTML 22Page - Microchip Technology HCS500 Datasheet HTML 23Page - Microchip Technology HCS500 Datasheet HTML 24Page - Microchip Technology HCS500 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 21
HCSXXX
5.4
Programming Waveforms (HCS200, HCS300, HCS301, HCS320, HCS362)
FIGURE 5-1:
PROGRAMMING WAVEFORMS
FIGURE 5-2:
VERIFY WAVEFORMS
PWM
Enter Program
Mode
(Data)
(Clock)
Note 1: Unused button inputs to be held to ground during the entire programming sequence.
bit 0
bit 1
bit 2
bit 3
bit 14 bit 15
bit 16 bit 17
TPH1
TPBW
TPS
Repeat for each word (12 times)
TPH2
TCLKH
TCLKL
TWC
TDS
S2
Data for Word 0 (KEY_0)
Data for Word 1 (KEY_1)
TDH
TAS
Ack
Pulse
PWM
(Clock)
(Data)
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
End of Programming Cycle
Beginning of Verify Cycle
bit 1 bit 2 bit 3
bit 15
bit 14
bit 16 bit 17
bit 190 bit 191
TWC
Data from Word 0
TDV
S2 (S3)
bit 0
bit 191
bit 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28