Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS500 Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce HCS500
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Fiches technique(HTML) 23 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 19Page - Microchip Technology HCS500 Datasheet HTML 20Page - Microchip Technology HCS500 Datasheet HTML 21Page - Microchip Technology HCS500 Datasheet HTML 22Page - Microchip Technology HCS500 Datasheet HTML 23Page - Microchip Technology HCS500 Datasheet HTML 24Page - Microchip Technology HCS500 Datasheet HTML 25Page - Microchip Technology HCS500 Datasheet HTML 26Page - Microchip Technology HCS500 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 23
HCSXXX
5.6
Programming Waveforms (HCS360, HCS361)
FIGURE 5-5:
PROGRAMMING WAVEFORMS
FIGURE 5-6:
VERIFY WAVEFORMS
The VDD pin must be taken to ground after a program/verify cycle.
DATA
Enter Program
Mode
(Data)
(Clock)
bit 1 bit 2 bit 3
bit 14 bit 15
bit 16 bit 17
T1
T2
Repeat for each word
TCLKH
TCLKL
TWC
TDS
S2/S3
Data for Word 0 (KEY_0)
Data for Word 1
TDH
bit 0 bit 1 bit 2 bit 3
bit 14 bit 15
S1
bit 0
bit 0 of Word 0
Note
1:
Unused button inputs to be held to ground during the entire programming sequence.
2:
The VDD pin must be taken to ground after a Program/Verify cycle.
Acknowledge Pulse
DATA
(Clock)
(Data)
End of Programming Cycle
Beginning of Verify Cycle
bit 1 bit 2 bit 3
bit 15
bit 14
bit 16 bit 17
bit 190 bit 191
TWC
Data from Word0
TDV
S2/S3
bit 0
bit 191
bit 190
S1
Ack
Note
1:
A Verify sequence is performed only once immediately after the Program cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28