| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS500 Fiches technique(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS500 Fiches technique(HTML) 24 Page - Microchip Technology |
|
24 / 28 page ![]() HCSXXX DS41256A-page 24 Preliminary 2004 Microchip Technology Inc. 5.7 Programming Waveforms (HCS410, HCS412) FIGURE 5-7: PROGRAMMING WAVEFORMS FIGURE 5-8: VERIFY WAVEFORMS PWM Enter Program Mode (Data) (Clock) bit 0 bit 1 bit 2 bit 3 bit 14 bit 15 bit 16 bit 17 TPH1 TPBW TPS Repeat for each word (18 times) TPH2 TCLKH TCLKL TWC TDS S2 Data for Word 0 (KEY_0) Data for Word 1 (KEY_1) TDH TAS Ack Pulse Note 1: Unused button inputs to be held to ground during the entire programming sequence. 2: The VDD pin must be taken to ground after a Program/Verify cycle. PWM (Clock) (Data) Note: If a Verify operation is to be done, then it must immediately follow the Program cycle. End of Programming Cycle Beginning of Verify Cycle bit 1 bit 2 bit 3 bit 15 bit 14 bit 16 bit 17 bit 206 bit 207 TWC Data from Word 0 TDV S2 (S3) bit 0 bit 207 bit 206 |